Part Number Hot Search : 
2SK2936 RF151 EL5160IS 2SB1386 CA2830C P2301 UN9117 8805GEDS
Product Description
Full Text Search
 

To Download KBP105G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) kbp .460(11.68) .420(10.6) .160(4.1) .140(3.6) .153(3.9) .146(3.7) .050(1.27) .5 min (12.7) spacing ac .035(0.9) .028(0.7) .600(15.24) .560(14.22) features  glass passivated junction  ideal for printed circuit board  reliable low cost construction  high surge current capability  high temperature soldering guaranteed: 260 o c / 10 seconds at 5 lbs., ( 2.3 kg ) tension  small size, simple installation maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol kbp 101g kbp 102g kbp 103g kbp 104g kbp 105g kbp 106g kbp 107g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t a = 50 o c i (av) 1.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 30 a maximum instantaneous forward voltage @ 1.0a v f 1.0 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 10 500 ua ua typical thermal resistance (note) r ja r jl 28 10 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to +150 o c note: thermal resistance from junction to ambi ent and from junction to lead mounted on p.c.b. with 0.2? x 0.2? ( 5mm x 5mm ) copper pads. kbp101g-kbp107g single phase 1.0amp. glass passivatec bridge rectifiers http://www.luguang.cn mail:lge@luguang.cn
fig.3- maximum non-repetitive forward surge current per bridge element fig.2- typical reverse characteristics 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage. (%) tj=125c 0 tj=25 c 0 10 2 4 6 8 1 40 80 60 20 100 number of cycles at 60hz 20 40 60 80 100 120 140 160 0 1.0 2.0 1.5 ratings and characteristic curves (kbp101g thru kbp107g) tj=125 c o fig.1- maximum forward current derating curve average forward current. (a) average forward current. (a) 20 40 60 80 100 120 140 160 0 1.0 2.0 0.5 1.5 fig.5- typical instantaneous forward characteristics per bridge element instantaneous forward current. (a) 0.6 0.7 0.90.8 1.0 1.3 1.1 1.2 1.4 0.01 0.1 1 10 instantaneous forward voltage. (v) tj=25 c pulse width-300 s 1% duty cycle 0 ambient temperature. ( c) o peak forward surge current. (a) peak forward surge current. (a) 10 0 20 0 30 50 40 instantaneous reverse current. ( a) instantaneous reverse current. ( version: a06 fig.4- typical junction capacitance 1 2 5 10 20 800 100 1000 600 500 400 300 200 100 0 reverse voltage. (v) 200 500 junction capacitance.(pf) tj=25 c 0 50 0.1 0.5 1000 100 10 1 kbp101g-kbp107g single phase 1.0amp. glass passivatec bridge rectifiers http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of KBP105G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X